Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91305AMILF Datasheet (PDF) - Integrated Device Technology

91305AMILF Datasheet PDF - Integrated Device Technology
Part # 91305AMILF
Download  91305AMILF Download
File Size   163.27 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay

91305AMILF Datasheet (PDF)

Go To PDF Page Download Datasheet
91305AMILF Datasheet PDF - Integrated Device Technology

Part # 91305AMILF
Download  91305AMILF Click to download

File Size   163.27 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay

91305AMILF Datasheet (HTML) - Integrated Device Technology


91305AMILF Product details

Description
The ICS91305I is a high performance, low skew, low jitter clock driver. It uses a phase lock loop (PLL) technology to align, in both phase and frequency, the REF input with the CLKOUT signal. It is designed to distribute high speed clocks in communication systems operating at speeds from 10 to 133 MHz.

Features
• Zero input - output delay
• Frequency range 10 - 133 MHz (3.3V)
• 5V tolerant input REF
• High loop filter bandwidth ideal for Spread Spectrum applications
• Less than 200 ps Jitter between outputs
• Skew controlled outputs
• Skew less than 250 ps between outputs
• Available in 8 pin 150 mil SOIC & 173 mil TSSOP packages
• 3.3V ±10% operation
• Supports industrial temperature range -40°C to 85°C




Similar Part No. - 91305AMILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
91305AMILF RENESAS-91305AMILF Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
91305AMILFT RENESAS-91305AMILFT Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
More results


Similar Description - 91305AMILF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W232 CYPRESS-W232 Datasheet
139Kb / 5P
Ten Output Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS91309 ICST-ICS91309 Datasheet
106Kb / 9P
High performance Communication Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
XRK39653_0611 EXAR-XRK39653_0611 Datasheet
218Kb / 9P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Cypress Semiconductor
W232 CYPRESS-W232_02 Datasheet
106Kb / 6P
Ten Output Zero Delay Buffer
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
Ten Output Zero Delay Buffer
logo
Integrated Device Techn...
ICS574 IDT-ICS574 Datasheet
168Kb / 7P
Zero input-to-output delay
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com