Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91305AMILF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 91305AMILF
Description  HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

91305AMILF Datasheet(HTML) 7 Page - Integrated Device Technology

  91305AMILF Datasheet HTML 1Page - Integrated Device Technology 91305AMILF Datasheet HTML 2Page - Integrated Device Technology 91305AMILF Datasheet HTML 3Page - Integrated Device Technology 91305AMILF Datasheet HTML 4Page - Integrated Device Technology 91305AMILF Datasheet HTML 5Page - Integrated Device Technology 91305AMILF Datasheet HTML 6Page - Integrated Device Technology 91305AMILF Datasheet HTML 7Page - Integrated Device Technology 91305AMILF Datasheet HTML 8Page - Integrated Device Technology 91305AMILF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICS91305I
HIGH PERFORMANCE COMMUNICATION BUFFER
IDT® HIGH PERFORMANCE COMMUNICATION BUFFER
7
ICS91305I
REV G 090612
Package Outline and Package Dimensions (8-pin TSSOP, 4.4 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
91305AMILF
305AMILF
Tubes
8-pin SOIC
-40 to +85
° C
91305AMILFT
305AMILF
Tape and Reel
8-pin SOIC
-40 to +85
° C
91305AGILF
305IL
Tubes
8-pin TSSOP
-40 to +85
° C
91305AGILFT
305IL
Tape and Reel
8-pin TSSOP
-40 to +85
° C
INDE X
AR EA
1
2
8
D
E1
E
SEATIN G
PLAN E
A
1
A
A
2
e
- C -
b
aaa
C
c
L
Millimeters
Inches
Symbol
MinMax
MinMax
A
--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
2.90
3.10
0.114
0.122
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
-
0.10
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com