Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZW04-28B Datasheet (PDF) - STMicroelectronics

BZW04-28B Datasheet PDF - STMicroelectronics
Part # BZW04-28B
Download  BZW04-28B Download
File Size   124.48 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PEAK PULSE POWER : 400 W (10/1000ms)

BZW04-28B Datasheet (PDF)

Go To PDF Page Download Datasheet
BZW04-28B Datasheet PDF - STMicroelectronics

Part # BZW04-28B
Download  BZW04-28B Click to download

File Size   124.48 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PEAK PULSE POWER : 400 W (10/1000ms)

BZW04-28B Datasheet (HTML) - STMicroelectronics


BZW04-28B Product details

DESCRIPTION
Transil diodes provide high overvoltage protection by clamping action. Their instantaneous response to transient overvoltages makes them particularly suited to protect voltage sensitive devices such as MOS Technology and low voltage supplied IC’s.

FEATURES
■ PEAK PULSE POWER : 400 W (10/1000µs)
■ STAND-OFF VOLTAGE RANGE : From 5.8V to 376 V
■ UNI AND BIDIRECTIONAL TYPES
■ LOW CLAMPING FACTOR
■ FAST RESPONSE TIME
■ UL RECOGNIZED




Similar Part No. - BZW04-28B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
130Kb / 6P
TRANSIL
Feb-2003
logo
DB Lectro Inc
BZW04-28B DBLECTRO-BZW04-28B Datasheet
293Kb / 1P
MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04-28B BILIN-BZW04-28B Datasheet
113Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-28B VISHAY-BZW04-28B Datasheet
105Kb / 6P
TRANSZORB® Transient Voltage Suppressors
22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04-28B MDE-BZW04-28B Datasheet
74Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - BZW04-28B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
Microdiode Semiconducto...
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
8.5-170 Volts Peak pulse power: 400 Watts
logo
E-CMOS Corporation
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
logo
Jinan Jing Heng Electro...
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
logo
Guangdong Youtai Semico...
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
250 W peak pulse power (tp =8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com