Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD2CAN Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD2CAN
Download  PESD2CAN Download
File Size   310.66 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 250 W peak pulse power (tp =8/20μs)

PESD2CAN Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2CAN Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD2CAN
Download  PESD2CAN Click to download

File Size   310.66 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 250 W peak pulse power (tp =8/20μs)

PESD2CAN Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD2CAN Product details

Features
250 W peak pulse power (tp =8/20μs)
Bidirectional configurations
Solid-state silicon-avalanche technology
Low clamping voltage
Low leakage current
IEC 61000-4-2 ±30kV contact ±30kV air
IEC 61000-4-4 (EFT) 40A(5/50ns)
IEC 61000-4-5 (Lightning) 5A(8/20μs)

Dataline
Net works
Applications
Dataline
Automatic Teller Machines
Net works
Power line




Similar Part No. - PESD2CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN NXP-PESD2CAN Datasheet
80Kb / 11P
CAN bus ESD protection diode
Rev. 01-22 December 2006
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
TECH PUBLIC Electronics...
PESD2CAN TECHPUBLIC-PESD2CAN Datasheet
982Kb / 4P
Can bus Esd Protection Diode
logo
Nexperia B.V. All right...
PESD2CAN NEXPERIA-PESD2CAN Datasheet
703Kb / 13P
CAN bus ESD protection diode
Rev. 2 - 27 September 2012
logo
Texas Instruments
PESD2CAN24DBZRQ1 TI-PESD2CAN24DBZRQ1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
More results


Similar Description - PESD2CAN

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD15VS2UT UMW-PESD15VS2UT Datasheet
589Kb / 4P
350 W peak pulse power (tp = 8/20μs
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3S2UT UMW-PESD3V3S2UT Datasheet
502Kb / 4P
350 W peak pulse power (tp = 8/20μs)
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD24VS2UT UMW-PESD24VS2UT Datasheet
555Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com