Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD2CAN
Description  250 W peak pulse power (tp =8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD2CAN Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD2CAN Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Outline Drawing – SOT-23
0.25
A
A2
A1
UMW
PESD2CAN
Ordering information
Order code
Package
Base qty
Delivery mode
SOT-23
3000
Tape and reel
D
3
E1 E
1
2
b
e
L
θ
DIMENSIONS
SYMBOL
MILLIMETER
INCHES
MIN
MAX
MIN
MAX
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
D
2.800
3.000
0.110
0.118
b
0.300
0.500
0.012
0.020
E
2.250
2.550
0.089
0.100
E1
1.200
1.400
0.047
0.055
e
0.950 BSC
0.037 BSC
L
0.300
0.500
0.012
0.020
θ
0
8○
0
8○
www.umw-ic.com
4
友台半导体有限公司
6Rt
Marking
PESD2CAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com