Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD2CAN
Description  250 W peak pulse power (tp =8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD2CAN Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD2CAN Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TypicalCharacteristics
Figure 1: Peak Pulse Power vs. Pulse Time
Figure 2: Power Derating Curve
10
1
0.1
0.01
250w 8/20 sµaveform
110
100
90
80
70
60
50
40
30
20
10
0.1
1
10
100
1,000
0
0
25
50
75
100
125
150
td – Pulse Duration - µs
Ambient Temperature - TA (℃)
Figure3: Pulse Waveform
Figure 4: Clamping Voltage vs.Ipp
110
100
90
80
70
60
50
40
30
20
10
0
Waveform
Paramters
tr=8µs
td=20µs
e-1
td=Ipp/
2
0
5
10
15
20
25
30
Time (µs)
1
2
3
4
5
6
0
10
20
30
40
50
60
0
Test
Waveform
Paramters
tr=8µs
td=20µs
Peak Pulse Current–IPP (A)
70
80
90
www.umw-ic.com
3
友台半导体有限公司
PESD2CAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com