Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD2CAN
Description  250 W peak pulse power (tp =8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD2CAN Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD2CAN Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Clamping Voltage
VC
IPP=5A,tp=8/20μs
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Units
Reverse Stand-Off Voltage
VRWM
24.0
V
Reverse Breakdown Voltage
VBR
IT=1mA
26.1
28
30.2
V
Reverse Leakage Current
IR
VRWM=24V,T=25℃
0.1
0.5
μA
Peak Pulse Current
IPP
tp =8/20μs
6
A
41
V
Junction Capacitance
Cj
VR = 0V, f =1MHz
25
pF
www.umw-ic.com
2
友台半导体有限公司
PESD2CAN
Electrical Parameters (TA = 25°C unless otherwisenoted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @
IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @
VRWM
VBR
Breakdown Voltage @
IT
IT
Test Current
Note:.
8/20μs pulsewaveform.
I
IPP
VC VBR VRWM
IT
IR
IR
IT
VRWM VBR VC V
IPP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com