Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD2CAN
Description  250 W peak pulse power (tp =8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD2CAN Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD2CAN Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD2CAN Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■
250 W peak pulse power (tp =8/20μs)
■
Bidirectional configurations
■
Solid-state silicon-avalanche technology
■
Low clamping voltage
■
Low leakage current
■
IEC 61000-4-2 ±30kV contact ±30kV air
■
IEC 61000-4-4 (EFT) 40A(5/50ns)
■
IEC 61000-4-5 (Lightning) 5A(8/20μs)
■
Dataline
■
Net works
■
Power line
■
SOT-23 package
■
Packaging: Tape and Reel
■
RoHS/WEEE Compliant
1
3
2
1
3
2
SOT-23 (Top View)
PESD2CAN
5
Absolute Maximum Rating
Rating
Symbol
Value
Units
Peak Pulse Power ( tp =8/20μs )
PPP
250
W
Peak Pulse Current ( tp =8/20μs ) (note1)
Ipp
A
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
VESD
30
30
kV
Lead SolderingTemperature
TL
260
℃
Junction Temperature
TJ
-55 to + 125
℃
Storage Temperature
Tstg
-55 to + 125
℃
www.umw-ic.com
1
友台半导体有限公司
Applications
■
Dataline
■
Automatic Teller Machines
■
Net works
■
Power line
Mechanical Data
■
SOT-23 package
■
Molding compound flammability rating: UL 94V-0
■
Packaging: Tape and Reel
■
RoHS/WEEE Compliant
1
3
2
1
3
2
SOT-23 (Top View)


Similar Part No. - PESD2CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN NXP-PESD2CAN Datasheet
80Kb / 11P
CAN bus ESD protection diode
Rev. 01-22 December 2006
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
TECH PUBLIC Electronics...
PESD2CAN TECHPUBLIC-PESD2CAN Datasheet
982Kb / 4P
Can bus Esd Protection Diode
logo
Nexperia B.V. All right...
PESD2CAN NEXPERIA-PESD2CAN Datasheet
703Kb / 13P
CAN bus ESD protection diode
Rev. 2 - 27 September 2012
logo
Texas Instruments
PESD2CAN24DBZRQ1 TI-PESD2CAN24DBZRQ1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
More results

Similar Description - PESD2CAN

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
PESD15VS2UT UMW-PESD15VS2UT Datasheet
589Kb / 4P
350 W peak pulse power (tp = 8/20μs
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD3V3S2UT UMW-PESD3V3S2UT Datasheet
502Kb / 4P
350 W peak pulse power (tp = 8/20μs)
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD24VS2UT UMW-PESD24VS2UT Datasheet
555Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com