Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82479A1 Datasheet (PDF) - EPCOS

B82479A1 Datasheet PDF - EPCOS
Part # B82479A1
Download  B82479A1 Download
File Size   541.69 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire

B82479A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82479A1 Datasheet PDF - EPCOS

Part # B82479A1
Download  B82479A1 Click to download

File Size   541.69 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire

B82479A1 Datasheet (HTML) - EPCOS


B82479A1 Product details

SMT power inductors
Size 18.54 x 15.24 x 7.11 (mm)

Rated inductance 1 ... 1000 μH
Rated current 0.56 ... 8.6 A

Construction
■ Ferrite core
■ Winding: enamel copper wire
■ Winding soldered to terminals
■ Plastic terminal carrier

Features
■ Temperature range up to +150 °C
■ High rated current
■ Low DC resistance
■ Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D
■ RoHS-compatible

Applications
■ Filtering of supply voltages
■ Coupling, decoupling
■ DC/DC converters
■ Automotive electronics
■ Telecommunications
■ Industrial electronics




Similar Part No. - B82479A1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82479A1 EPCOS-B82479A1 Datasheet
181Kb / 7P
SMT power inductors
B82479A1102M000 EPCOS-B82479A1102M000 Datasheet
181Kb / 7P
SMT power inductors
B82479A1103M000 EPCOS-B82479A1103M000 Datasheet
181Kb / 7P
SMT power inductors
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
45 V, 1 A NPN medium power transistors
B82479A1104M000 EPCOS-B82479A1104M000 Datasheet
181Kb / 7P
SMT power inductors
More results


Similar Description - B82479A1

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
MDL-20189 VARITRONIX-MDL-20189 Datasheet
69Kb / 1P
CHARACTER SIZE : 6.70W X 9.40H mm ( 5 X 7 DOTS) 6.70W X 11.50H mm ( 5 X 8 DOTS)
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
logo
EPCOS
B82462G4 EPCOS-B82462G4 Datasheet
542Kb / 8P
SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
B82464G4 EPCOS-B82464G4_12 Datasheet
536Kb / 8P
SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
B82476B1105M100 EPCOS-B82476B1105M100 Datasheet
729Kb / 7P
Ferrite core, Winding: enamel copper wire, Winding soldered to terminals
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Abracon Corporation
ABBTM-2.4GHZ-31-T ABRACON-ABBTM-2.4GHZ-31-T Datasheet
3Mb / 6P
20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
logo
Transko Electronics, In...
TANB1807F TRANSKO-TANB1807F Datasheet
755Kb / 3P
Power Inductor SMD (18.60 X 15.30 X 7.11 mm)
Rev 1: 04-27-2018
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com