Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1707EPA Datasheet (PDF) - Maxim Integrated Products

DS1707EPA Datasheet PDF - Maxim Integrated Products
Part # DS1707EPA
Download  DS1707EPA Download
File Size   182.62 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3 and 5.0-Volt MicroMonitor

DS1707EPA Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1707EPA Datasheet PDF - Maxim Integrated Products

Part # DS1707EPA
Download  DS1707EPA Click to download

File Size   182.62 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3 and 5.0-Volt MicroMonitor

DS1707EPA Datasheet (HTML) - Maxim Integrated Products


DS1707EPA Product details

DESCRIPTION
The DS1707/DS1708 3.3- or 5.0-Volt MicroMonitor monitors three vital conditions for a microprocessor: power supply, voltage sense, and external override. A precision temperature-compensated reference and comparator circuit monitor the status of VCC at the device and at an upstream point for maximum protection. When the sense input detects an out-of-tolerance condition a non-maskable interrupt is generated. As the voltage at the device degrades an internal power fail signal is generated which forces the reset to an active state. When VCC returns to an in-tolerance condition, the reset signal is kept in the active state for a minimum of 130 ms to allow the power supply and processor to stabilize.

FEATURES
■ Holds microprocessor in check during power transients
■ Automatically restarts microprocessor after power failure
■ Monitors pushbutton for external override
■ Accurate 5%, 10% or 20% resets for 3.3V systems and 5% or 10% resets for 5.0V systems
■ Eliminates the need for discrete components
■ 20% tolerance compatible with 3.0V systems
■ Pin compatible with the MAXIM MAX707/MAX708 in 8-pin DIP, 8-pin SOIC packages
■ 8-pin DIP, 8-pin and μ-SOP SOIC and 8-pin
■ -SOP packages available
■ Industrial temperature range -40°C to +85°C




Similar Part No. - DS1707EPA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1707 DALLAS-DS1707 Datasheet
67Kb / 9P
3.3 and 5.0 Volt MicroMonitor?
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
3.3 and 5.0-Volt MicroMonitor
041305
More results


Similar Description - DS1707EPA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1705 DALLAS-DS1705 Datasheet
76Kb / 10P
3.3 and 5.0 Volt MicroMonitor
DS1707 DALLAS-DS1707 Datasheet
67Kb / 9P
3.3 and 5.0 Volt MicroMonitor?
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
3.3, 5.0 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
3.3, 5.0 volt CMOS Oscillator
logo
Maxim Integrated Produc...
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
3.3 & 5.0 VOLT - DIP 14
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
3.3 and 5.0-Volt MicroMonitor
041305
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com