Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1707EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1707EPA
Description  3.3 and 5.0-Volt MicroMonitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1707EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1707EPA Datasheet HTML 1Page - Maxim Integrated Products DS1707EPA Datasheet HTML 2Page - Maxim Integrated Products DS1707EPA Datasheet HTML 3Page - Maxim Integrated Products DS1707EPA Datasheet HTML 4Page - Maxim Integrated Products DS1707EPA Datasheet HTML 5Page - Maxim Integrated Products DS1707EPA Datasheet HTML 6Page - Maxim Integrated Products DS1707EPA Datasheet HTML 7Page - Maxim Integrated Products DS1707EPA Datasheet HTML 8Page - Maxim Integrated Products DS1707EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS1707/DS1708
2 of 10
The third function the DS1707/DS1708 performs is pushbutton reset control. The DS1707/DS1708
debounces the pushbutton input and guarantees an active reset pulse width of 130 ms minimum.
OPERATION
Power Monitor
The DS1707/DS1708 detects out-of-tolerance power supply conditions and warns a processor-based
system of impending power failure. When VCC falls below the minimum VCC tolerance, a comparator
outputs the RST and RST signals. RST and RST are excellent control signals for a microprocessor, as
processing is stopped at the last possible moment of valid VCC. On power-up, RST and RST are kept
active for a minimum of 130 ms to allow the power supply and processor to stabilize.
Pushbutton Reset
The DS1707/DS1708 provides an input pin for direct connection to a pushbutton reset (see Figure 2). The
pushbutton reset input requires an active low signal. Internally, this input is debounced and timed such
that RST and RST signals of at least 130 ms minimum will be generated. The 130 ms delay commences
as the pushbutton reset input is released from the low level. The pushbutton can be initiated by connecting
the NMI output to the PBRST input as shown in Figure 3.
Non-Maskable Interrupt
The DS1707/DS1708 generates a non-maskable interrupt ( NMI ) for early warning of a power failure. A
precision comparator monitors the voltage level at the IN pin relative to an on-chip reference generated
by an internal band gap. The IN pin is a high impedance input allowing for a user-defined sense point. An
external resistor voltage divider network (Figure 5) is used to interface with high voltage signals. This
sense point may be derived from a regulated supply or from a higher DC voltage level closer to the main
system power input. Since the IN trip point VTP is 1.25 volts, the proper values for R1 and R2 can be
determined by the equation as shown in Figure 5. Proper operation of the DS1707/DS1708 requires that
the voltage at the IN pin be limited to VCC. Therefore, the maximum allowable voltage at the supply being
monitored (VMAX) can also be derived as shown in Figure 5. A simple approach to solving the equation is
to select a value for R2 high enough to keep power consumption low, and solve for R1. The flexibility of
the IN input pin allows for detection of power loss at the earliest point in a power supply system,
maximizing the amount of time for system shut-down between NMI and RST/ RST .
When the supply being monitored decays to the voltage sense point, the DS1707/DS1708 pulses the NMI
output to the active state for a minimum 200
ms. The NMI power-fail detection circuitry also has built-in
hysteresis of 100
mV. The supply must be below the voltage sense point for approximately 5 ms before a
low NMI will be generated. In this way, power supply noise is removed from the monitoring function,
preventing false interrupts. During a power-up, any detected IN pin levels below VTP by the comparator
are disabled from generating an interrupt until VCC rises to VCCTP. As a result, any potential NMI pulse
will not be initiated until VCC reaches VCCTP.
Connecting NMI to PBRST would allow the non-maskable interrupt to generate an automatic reset when
an out-of-tolerance condition occurred in a monitored supply. An example is shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com