Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL256P90TFCR20 Datasheet (PDF) - SPANSION

S29GL256P90TFCR20 Datasheet PDF - SPANSION
Part # S29GL256P90TFCR20
Download  S29GL256P90TFCR20 Download
File Size   2697.82 Kbytes
Page   81 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description MirrorBit짰 Flash Family

S29GL256P90TFCR20 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL256P90TFCR20 Datasheet PDF - SPANSION

Part # S29GL256P90TFCR20
Download  S29GL256P90TFCR20 Click to download

File Size   2697.82 Kbytes
Page   81 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description MirrorBit짰 Flash Family

S29GL256P90TFCR20 Datasheet (HTML) - SPANSION


S29GL256P90TFCR20 Product details

1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology

General Description
The Spansion S29GL01G/512/256/128P are Mirrorbit® Flash products fabricated on 90 nm process technology. These devices offer a fast page access time of 25 ns with a corresponding random access time as fast as 90 ns. They feature a Write Buffer that allows a maximum of 32 words/64 bytes to be programmed in one operation, resulting in faster effective programming time than standard programming algorithms. This makes these devices ideal for today’s embedded applications that require higher density, better performance and lower power consumption.

Distinctive Characteristics
■ Single 3V read/program/erase (2.7-3.6 V)
■ Enhanced VersatileI/O™ control
   – All input levels (address, control, and DQ input levels) and outputs are determined by voltage on VIO input. VIO range is 1.65 to VCC
■ 90 nm MirrorBit process technology
■ 8-word/16-byte page read buffer
■ 32-word/64-byte write buffer reduces overall programming time for multiple-word updates
■ Secured Silicon Sector region
   – 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number
   – Can be programmed and locked at the factory or by the customer
■ Uniform 64 Kword/128 Kbyte Sector Architecture
   – S29GL01GP: One thousand twenty-four sectors
   – S29GL512P: Five hundred twelve sectors
   – S29GL256P: Two hundred fifty-six sectors
   – S29GL128P: One hundred twenty-eight sectors
■ 100,000 erase cycles per sector typical
■ 20-year data retention typical
■ Offered Packages
   – 56-pin TSOP
   – 64-ball Fortified BGA
■ Suspend and Resume commands for Program and Erase operations
■ Write operation status bits indicate program and erase operation completion
■ Unlock Bypass Program command to reduce programming time
■ Support for CFI (Common Flash Interface)
■ Persistent and Password methods of Advanced Sector Protection
■ WP#/ACC input
   – Accelerates programming time (when VHH is applied) for greater throughput during system production
   – Protects first or last sector regardless of sector protection settings
■ Hardware reset input (RESET#) resets device
■ Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Similar Part No. - S29GL256P90TFCR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL256P90TFI010 SPANSION-S29GL256P90TFI010 Datasheet
2Mb / 77P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFI012 SPANSION-S29GL256P90TFI012 Datasheet
2Mb / 77P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFIR10 SPANSION-S29GL256P90TFIR10 Datasheet
2Mb / 77P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFIR12 SPANSION-S29GL256P90TFIR12 Datasheet
2Mb / 77P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL256P90TFIV10 SPANSION-S29GL256P90TFIV10 Datasheet
2Mb / 77P
3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Similar Description - S29GL256P90TFCR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
MirrorBit Flash Family
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
MirrorBit Flash Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
MirrorBit짰 Flash Family
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S25FL512SAGMFI010 SPANSION-S25FL512SAGMFI010 Datasheet
1Mb / 140P
512 Mbit (64 Mbyte) MirrorBit짰 Flash Non-Volatile Memory
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
Flash MCU Family
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com