Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL512N Datasheet (PDF) - SPANSION

S29GL512N Datasheet PDF - SPANSION
Part # S29GL512N
Download  S29GL512N Download
File Size   2624.85 Kbytes
Page   110 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description MirrorBit Flash Family

S29GL512N Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL512N Datasheet PDF - SPANSION

Part # S29GL512N
Download  S29GL512N Click to download

File Size   2624.85 Kbytes
Page   110 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description MirrorBit Flash Family

S29GL512N Datasheet (HTML) - SPANSION


S29GL512N Product details

512 Megabit, 256 Megabit, and 128 Megabit, 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit™ Process Technology



General Description

The S29GL512/256/128N family of devices are 3.0V single power flash memory manufactured using 110 nm MirrorBit technology. The S29GL512N is a 512 Mbit, organized as 33,554,432 words or 67,108,864 bytes. The S29GL256N is a 256 Mbit, organized as 16,777,216 words or 33,554,432 bytes. The S29GL128N is a 128 Mbit, organized as 8,388,608 words or 16,777,216 bytes. The devices have a 16-bit wide data bus that can also function as an 8-bit wide data bus by using the BYTE# input. The device can be programmed either in the host system or in standard EPROM programmers.



Distinctive Characteristics

Architectural Advantages

■ Single power supply operation

   — 3 volt read, erase, and program operations

■ Enhanced VersatileI/O™ control

   — All input levels (address, control, and DQ input levels) and outputs are determined by voltage on VIO input. VIO range is 1.65 to VCC

■ Manufactured on 110 nm MirrorBit process technology

■ Secured Silicon Sector region

   — 128-word/256-byte sector for permanent, secure identification through an 8-word/16-byte random Electronic Serial Number, accessible through a command sequence

   — May be programmed and locked at the factory or by the customer

■ Flexible sector architecture

   — S29GL512N: Five hundred twelve 64 Kword (128 Kbyte) sectors

   — S29GL256N: Two hundred fifty-six 64 Kword (128 Kbyte) sectors

   — S29GL128N: One hundred twenty-eight 64 Kword (128 Kbyte) sectors

■ Compatibility with JEDEC standards

   — Provides pinout and software compatibility for single-power supply flash, and superior inadvertent write protection

■ 100,000 erase cycles per sector typical

■ 20-year data retention typical



Performance Characteristics

■ High performance

   — 90 ns access time (S29GL128N, S29GL256N)

   — 100 ns (S29GL512N)

   — 8-word/16-byte page read buffer

   — 25 ns page read times

   — 16-word/32-byte write buffer reduces overall programming time for multiple-word updates

■ Low power consumption (typical values at 3.0 V, 5 MHz)

   — 25 mA typical active read current;

   — 50 mA typical erase/program current

   — 1 µA typical standby mode current

■ Package options

   — 56-pin TSOP

   — 64-ball Fortified BGA



Software & Hardware Features

■ Software features

   — Program Suspend and Resume: read other sectors before programming operation is completed

   — Erase Suspend and Resume: read/program other sectors before an erase operation is completed

   — Data# polling and toggle bits provide status

   — Unlock Bypass Program command reduces overall multiple-word programming time

   — CFI (Common Flash Interface) compliant: allows host system to identify and accommodate multiple flash devices

■ Hardware features

   — Advanced Sector Protection

   — WP#/ACC input accelerates programming time (when high voltage is applied) for greater throughput during system production. Protects first or last sector regardless of sector protection settings

   — Hardware reset input (RESET#) resets device

   — Ready/Busy# output (RY/BY#) detects program or erase cycle completion



 




Similar Part No. - S29GL512N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
logo
SPANSION
S29GL512N10FAI010 SPANSION-S29GL512N10FAI010 Datasheet
2Mb / 100P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI012 SPANSION-S29GL512N10FAI012 Datasheet
2Mb / 100P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI013 SPANSION-S29GL512N10FAI013 Datasheet
2Mb / 100P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL512N10FAI020 SPANSION-S29GL512N10FAI020 Datasheet
2Mb / 100P
3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results


Similar Description - S29GL512N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
S29GL-A MirrorBit Flash Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
MirrorBit Flash Memory and DRAM
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
MirrorBit Flash Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
MirrorBit짰 Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
logo
Silicon Laboratories
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
Flash MCU Family
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
Flash MCU Family
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com