Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1797 Datasheet (PDF) - Rohm

2SA1797 Datasheet PDF - Rohm
Part # 2SA1797
Download  2SA1797 Download
File Size   171.34 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (??0V, ??A)

2SA1797 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1797 Datasheet PDF - Rohm

Part # 2SA1797
Download  2SA1797 Click to download

File Size   171.34 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (??0V, ??A)

2SA1797 Datasheet (HTML) - Rohm


2SA1797 Product details

Features

1) Low saturation voltage.

   VCE (sat) = −0.35V (Max.) at IC / IB = −1A / 50mA.

2) Excellent DC current gain characteristics.

3) Complements the 2SC4672.




Similar Part No. - 2SA1797

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
logo
Unisonic Technologies
2SA1797 UTC-2SA1797 Datasheet
43Kb / 2P
POWER TRANSISTOR
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
97Kb / 3P
Power Transistor (−50V, −3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
More results


Similar Description - 2SA1797

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1443 ROHM-2SB1443_11 Datasheet
154Kb / 3P
Power Transistor (??0V, ??A)
logo
Littelfuse
2SB1412TLR LITTELFUSE-2SB1412TLR Datasheet
135Kb / 4P
Low frequency transistor (??0V,??A)
logo
Rohm
2SB1386T100R ROHM-2SB1386T100R Datasheet
135Kb / 4P
Low frequency transistor (??0V,??A)
2SB1424T100R ROHM-2SB1424T100R Datasheet
72Kb / 4P
Low VCE(sat) Transistor (??0V, ??A)
2SB1181TLQ ROHM-2SB1181TLQ Datasheet
92Kb / 3P
Power Transistor (??0V, ??A)
2SB1260T100Q ROHM-2SB1260T100Q Datasheet
92Kb / 3P
Power Transistor (??0V, ??A)
2SB1424T100Q ROHM-2SB1424T100Q Datasheet
72Kb / 4P
Low VCE(sat) Transistor (??0V, ??A)
2SB1427T100E ROHM-2SB1427T100E Datasheet
57Kb / 3P
Power transistor (??0V, ??A)
2SB1260T100R ROHM-2SB1260T100R Datasheet
92Kb / 3P
Power Transistor (??0V, ??A)
2SB1386T100Q ROHM-2SB1386T100Q Datasheet
135Kb / 4P
Low frequency transistor (??0V,??A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com