Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1235-600G Datasheet (PDF) - STMicroelectronics

T1235-600G Datasheet PDF - STMicroelectronics
Part # T1235-600G
Download  T1235-600G Download
File Size   140.75 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A Snubberless™ logic level and standard triacs

T1235-600G Datasheet (PDF)

Go To PDF Page Download Datasheet
T1235-600G Datasheet PDF - STMicroelectronics

Part # T1235-600G
Download  T1235-600G Click to download

File Size   140.75 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A Snubberless™ logic level and standard triacs

T1235-600G Datasheet (HTML) - STMicroelectronics


T1235-600G Product details

Description
Available either in through-hole or surface-moun packages, the BTA12, BTB12 and T12xx triac series is suitable for general purpose mains power AC switching.

Features
■ Medium current triac
■ Low thermal resistance with clip bonding
■ Low thermal resistance insulation ceramic for insulated BTA
■ High commutation (4Q) or very high commutation (3Q) capability
■ BTA series UL1557 certified (File ref: 81734)
■ Packages are RoHS ( 2002/95/EC) compliant

Applications
    ON/OFF or phase angle function in applications such as static relays, light dimmers and appliance motors speed controllers.
    The snubberless versions (BTA/BTB...W and T12 series) are especially recommended for use on inductive loads, because of their high commutation performances. The BTA series provides an insulated tab (rated at 2500 V RMS).




Similar Part No. - T1235-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
66Kb / 5P
HIGH PERFORMANCE TRIAC
Jan-1998
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Tiger Electronic Co.,Lt...
T1235-600G TGS-T1235-600G Datasheet
80Kb / 1P
Triacs sensitive gate
logo
STMicroelectronics
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
T1235-600G-TR STMICROELECTRONICS-T1235-600G-TR Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
More results


Similar Description - T1235-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_07 Datasheet
138Kb / 12P
12 A Snubberless, logic level and standard triacs
28-Sep-2007
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
Entry level Snubberless™, logic level and standard 12 A TRIACs
23-Mar-2009
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
Snubberless, logic level and standard 12 A Triacs
18-Jan-2010
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
Snubberless™ logic level and standard 12 A Triacs
16-Sep-2013
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com