Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2238-AAYML Datasheet (PDF) - Micrel Semiconductor

MIC2238-AAYML Datasheet PDF - Micrel Semiconductor
Part # MIC2238-AAYML
Download  MIC2238-AAYML Download
File Size   1099.72 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5MHz Dual Phase PWM Buck Regulator

MIC2238-AAYML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2238-AAYML Datasheet PDF - Micrel Semiconductor

Part # MIC2238-AAYML
Download  MIC2238-AAYML Click to download

File Size   1099.72 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5MHz Dual Phase PWM Buck Regulator

MIC2238-AAYML Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC2238-AAYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238-AAYML MICREL-MIC2238-AAYML Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
MIC2238-AAYML MICREL-MIC2238-AAYML Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
More results


Similar Description - MIC2238-AAYML

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
October 22, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
October 18, 2010
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238_10 Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
Semtech Corporation
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com