Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV49 Datasheet (PDF) - Diodes Incorporated

BCV49 Datasheet PDF - Diodes Incorporated
Part # BCV49
Download  BCV49 Download
File Size   26.9 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR

BCV49 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCV49 Datasheet PDF - Diodes Incorporated

Part # BCV49
Download  BCV49 Click to download

File Size   26.9 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR

BCV49 Datasheet (HTML) - Diodes Incorporated


BCV49 Product details

Features
• BVCEO > 60V
• Darlington Transistor hFE > 10k @ 100mA for High Gain
• IC = 500mA High Continuous Collector Current
• Complementary Darlington PNP Type: FCX705
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BCV49

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV49 PHILIPS-BCV49 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV49 ZETEX-BCV49 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Siemens Semiconductor G...
BCV49 SIEMENS-BCV49 Datasheet
141Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Infineon Technologies A...
BCV49 INFINEON-BCV49 Datasheet
47Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV49 NXP-BCV49 Datasheet
124Kb / 8P
NPN Darlington transistors
2004 Dec 06
More results


Similar Description - BCV49

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST51 ZETEX-BST51 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
BST61 ZETEX-BST61 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX458 DIODES-FCX458 Datasheet
29Kb / 1P
SOT89 NPN SILICON PLANAR
OCTOBER 1995
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
BCV49 DIODES-BCV49_15 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BST52 DIODES-BST52_15 Datasheet
225Kb / 6P
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
Rev 4
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
BST52 DIODES-BST52 Datasheet
225Kb / 6P
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
December 2011 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com