Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST52 Datasheet (PDF) - Diodes Incorporated

BST52 Datasheet PDF - Diodes Incorporated
Part # BST52
Download  BST52 Download
File Size   225.48 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89

BST52 Datasheet (PDF)

Go To PDF Page Download Datasheet
BST52 Datasheet PDF - Diodes Incorporated

Part # BST52
Download  BST52 Click to download

File Size   225.48 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89

BST52 Datasheet (HTML) - Diodes Incorporated


BST52 Product details

Features
• BVCEO > 80V
• High current gain
• Max Continuous Current IC = 500mA
• Fast switching
• Lead Free, RoHS Compliant (Note 1)
• Halogen and Antimony Free, “Green” Device (Note 2)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BST52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST52 PHILIPS-BST52 Datasheet
46Kb / 8P
NPN Darlington transistors
1999 Apr 26
logo
Zetex Semiconductors
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
BST52 KEXIN-BST52 Datasheet
42Kb / 2P
NPN Darlington Transistors
logo
NXP Semiconductors
BST52 NXP-BST52 Datasheet
130Kb / 8P
NPN Darlington transistors
2004 Dec 09
logo
Shenzhen Jin Yu Semicon...
BST52 HTSEMI-BST52 Datasheet
294Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - BST52

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BST51 ZETEX-BST51 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
BST61 ZETEX-BST61 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
DS33055 Rev. 4 - 2
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
BCV49 DIODES-BCV49 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BCV49 DIODES-BCV49_15 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BST52 DIODES-BST52_15 Datasheet
225Kb / 6P
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
Rev 4
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com