Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX491A Datasheet (PDF) - Diodes Incorporated

FCX491A Datasheet PDF - Diodes Incorporated
Part # FCX491A
Download  FCX491A Download
File Size   342.47 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89

FCX491A Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX491A Datasheet PDF - Diodes Incorporated

Part # FCX491A
Download  FCX491A Click to download

File Size   342.47 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89

FCX491A Datasheet (HTML) - Diodes Incorporated


FCX491A Product details

Features
• BVCEO > 40V
• IC = 1A high Continuous Current
• Low saturation voltage VCE(sat) < 500mV @ 1A
• Complementary PNP type: FCX591A
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Applications
• Power MOSFET gate driving
• Low loss power switching




Similar Part No. - FCX491A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX491A KEXIN-FCX491A Datasheet
35Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
More results


Similar Description - FCX491A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
40V, SOT89, NPN medium power transistor
JANUARY 2007
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 2001
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX493 DIODES-FCX493_15 Datasheet
290Kb / 6P
100V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com