Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX6825 Datasheet (PDF) - Diodes Incorporated

BCX6825 Datasheet PDF - Diodes Incorporated
Part # BCX6825
Download  BCX6825 Download
File Size   327.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89

BCX6825 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX6825 Datasheet PDF - Diodes Incorporated

Part # BCX6825
Download  BCX6825 Click to download

File Size   327.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89

BCX6825 Datasheet (HTML) - Diodes Incorporated


BCX6825 Product details

Features
• BVCEO > 20V
• IC = 1A high Continuous Current
• Low saturation voltage VCE(sat) < 500mV @ 1A
• Complementary PNP type: BCX6925
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Application
• Power MOSFET gate driving
• Low loss power switching




Similar Part No. - BCX6825

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
BCX6825QTA DIODES-BCX6825QTA Datasheet
780Kb / 6P
20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
More results


Similar Description - BCX6825

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
DS33055 Rev. 4 - 2
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 2001
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX493 DIODES-FCX493_15 Datasheet
290Kb / 6P
100V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com