Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX491 Datasheet (PDF) - Diodes Incorporated

FCX491 Datasheet PDF - Diodes Incorporated
Part # FCX491
Download  FCX491 Download
File Size   27.81 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

FCX491 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX491 Datasheet PDF - Diodes Incorporated

Part # FCX491
Download  FCX491 Click to download

File Size   27.81 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

FCX491 Datasheet (HTML) - Diodes Incorporated


FCX491 Product details

Features
• BVCEO > 60V
• IC = 1A Continuous Collector Current
• ICM = 2A Peak Pulse Current
• RCE(sat) = 195mΩ for a Low Equivalent On-Resistance
• hFE Characterized up to 2A for High Current Gain Hold-Up
• Complementary PNP Type: FCX591
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FCX491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX491 KEXIN-FCX491 Datasheet
35Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FCX491 DIODES-FCX491 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
logo
Inchange Semiconductor ...
FCX491 ISC-FCX491 Datasheet
262Kb / 3P
Silicon NPN Power Transistor
logo
Comchip Technology
FCX491-HF COMCHIP-FCX491-HF Datasheet
483Kb / 5P
Silicon Planar High Voltage Transistor
REV:A
More results


Similar Description - FCX491

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX68 ZETEX-BCX68_07 Datasheet
1Mb / 3P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX658A DIODES-FCX658A Datasheet
81Kb / 4P
SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
NOVEMBER 2000
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 2001
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX658A DIODES-FCX658A_15 Datasheet
81Kb / 4P
SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
NOVEMBER 2000
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com