Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR43 Datasheet (PDF) - Diodes Incorporated

BSR43 Datasheet PDF - Diodes Incorporated
Part # BSR43
Download  BSR43 Download
File Size   47.33 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

BSR43 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSR43 Datasheet PDF - Diodes Incorporated

Part # BSR43
Download  BSR43 Click to download

File Size   47.33 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

BSR43 Datasheet (HTML) - Diodes Incorporated


BSR43 Product details

Features
• BVCEO > 80V
• IC = -1A High Continuous Current
• Low saturation voltage VCE(sat) < 250mV @ 150mA
• Complementary type BSR33
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Application
• Load management functions
• Solenoid, relay and actuator drivers
• DC – DC modules




Similar Part No. - BSR43

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR43 PHILIPS-BSR43 Datasheet
41Kb / 8P
NPN medium power transistors
1999 Apr 28
logo
Zetex Semiconductors
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Guangdong Kexin Industr...
BSR43 KEXIN-BSR43 Datasheet
40Kb / 2P
NPN Medium Power Transistors
logo
NXP Semiconductors
BSR43 NXP-BSR43 Datasheet
125Kb / 7P
NPN medium power transistors
2004 Dec 13
More results


Similar Description - BSR43

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX68 ZETEX-BCX68_07 Datasheet
1Mb / 3P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX658A DIODES-FCX658A Datasheet
81Kb / 4P
SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
NOVEMBER 2000
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
FCX491TA DIODES-FCX491TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX658A DIODES-FCX658A_15 Datasheet
81Kb / 4P
SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
NOVEMBER 2000
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com