Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST52 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BST52
Description  80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BST52 Datasheet(HTML) 1 Page - Diodes Incorporated

  BST52 Datasheet HTML 1Page - Diodes Incorporated BST52 Datasheet HTML 2Page - Diodes Incorporated BST52 Datasheet HTML 3Page - Diodes Incorporated BST52 Datasheet HTML 4Page - Diodes Incorporated BST52 Datasheet HTML 5Page - Diodes Incorporated BST52 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BST52
Datasheet Number: DS33022 Rev. 4 - 2
1 of 6
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BST52
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR
IN SOT89
Features
•
BVCEO > 80V
•
High current gain
•
Max Continuous Current IC = 500mA
•
Fast switching
•
Lead Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free, “Green” Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT89
•
Moisture Sensitivity: Level 1 per J-STD-020
•
UL Flammability Rating 94V-0
•
Terminals: Matte Tin Finish
•
Weight: 0.052 grams (Approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BST52TA
AS3
7
12
1,000
Notes:
1. No purposefully added lead.
2. Halogen and Antimony Free. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
Top View
SOT89
Device symbol
Top View
Pin-out
AS3 = Product Type Marking Code


Similar Part No. - BST52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BST52 PHILIPS-BST52 Datasheet
46Kb / 8P
NPN Darlington transistors
1999 Apr 26
logo
Zetex Semiconductors
BST52 ZETEX-BST52 Datasheet
16Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
BST52 KEXIN-BST52 Datasheet
42Kb / 2P
NPN Darlington Transistors
logo
NXP Semiconductors
BST52 NXP-BST52 Datasheet
130Kb / 8P
NPN Darlington transistors
2004 Dec 09
logo
Shenzhen Jin Yu Semicon...
BST52 HTSEMI-BST52 Datasheet
294Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - BST52

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BST51 ZETEX-BST51 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
BST61 ZETEX-BST61 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
DS33055 Rev. 4 - 2
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
BCV49 DIODES-BCV49 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BCV49 DIODES-BCV49_15 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR DARLINGTON TRANSISTOR
SEPTEMBER 1995
BST52 DIODES-BST52_15 Datasheet
225Kb / 6P
80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
Rev 4
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com