Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST52 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BST52
Description  80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BST52 Datasheet(HTML) 3 Page - Diodes Incorporated

  BST52 Datasheet HTML 1Page - Diodes Incorporated BST52 Datasheet HTML 2Page - Diodes Incorporated BST52 Datasheet HTML 3Page - Diodes Incorporated BST52 Datasheet HTML 4Page - Diodes Incorporated BST52 Datasheet HTML 5Page - Diodes Incorporated BST52 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BST52
Datasheet Number: DS33022 Rev. 4 - 2
3 of 6
www.diodes.com
December 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BST52
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
90
-
-
V
IC = 10µA
Collector-Emitter Breakdown Voltage (Notes 6)
BVCEO
80
-
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
10
-
-
V
IE = 10µA
Collector Cutoff Current
ICES
-
-
10
µA
VCE = 80V
Emitter Cutoff Current
IEBO
-
-
10
µA
VEB = 8V
DC current transfer Static ratio (Notes 6)
hFE
1000
2000
-
-
IC = 150mA, VCE = 10V
IC = 500mA, VCE = 10V
Collector-Emitter Saturation Voltage (Notes 6)
VCE(sat)
-
-
1.3
1.3
V
IC = 500mA, IB = 0.5mA
IC = 500mA, IB = 0.5mA, TJ=150°C
Base-Emitter Saturation Voltage (Notes 6)
VBE(sat)
-
-
1.9
V
IC = 500mA, IB = 0.5mA
Turn On Time
tON
-
0.4
-
µs
IC = 500mA,
IBon = IBoff = 0.5mA
Turn Off Time
tOFF
1.5
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com