Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29150PTR Datasheet (PDF) - STMicroelectronics

LD29150PTR Datasheet PDF - STMicroelectronics
Part # LD29150PTR
Download  LD29150PTR Download
File Size   551.98 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A, very low drop voltage regulators

LD29150PTR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD29150PTR Datasheet PDF - STMicroelectronics

Part # LD29150PTR
Download  LD29150PTR Click to download

File Size   551.98 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.5 A, very low drop voltage regulators

LD29150PTR Datasheet (HTML) - STMicroelectronics




Similar Part No. - LD29150PTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results


Similar Description - LD29150PTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
3 A, very low drop voltage regulators
11-Jul-2008
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com