Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4940 Datasheet (PDF) - STMicroelectronics

L4940 Datasheet PDF - STMicroelectronics
Part # L4940
Download  L4940 Download
File Size   129.11 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP 1.5 A REGULATORS

L4940 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4940 Datasheet PDF - STMicroelectronics

Part # L4940
Download  L4940 Click to download

File Size   129.11 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP 1.5 A REGULATORS

L4940 Datasheet (HTML) - STMicroelectronics


L4940 Product details

Description

The L4940 series of three terminal positive regulators is available in TO-220, TO-220FP and D

2PAK packages and with several fixed output voltages, making it useful in a wide range of

industrial and consumer applications. Thanks to its very low input/output voltage drop, these

devices are particularly suitable for batteries powered equipment, reducing consumption andprolonging battery life. Each type employs internal current limiting, antisaturation circuit, thermal shut-down and safe area protection.



■ Precise 5, 8.5, 10, 12 V outputs

■ Low dropout voltage (450 mV typ. at 1 A)

■ Very low quiescent current

■ Thermal shutdown

■ Short circuit protection

■ Reverse polarity protection




Similar Part No. - L4940

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T5-TR STMICROELECTRONICS-L4940D2T5-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T85-TR STMICROELECTRONICS-L4940D2T85-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940P85 STMICROELECTRONICS-L4940P85 Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
More results


Similar Description - L4940

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
3 A, very low drop voltage regulators
11-Jul-2008
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
1.5 A very low drop for low output voltage regulator
29-Jun-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com