Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4940 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4940
Description  VERY LOW DROP 1.5 A REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4940 Datasheet(HTML) 1 Page - STMicroelectronics

  L4940 Datasheet HTML 1Page - STMicroelectronics L4940 Datasheet HTML 2Page - STMicroelectronics L4940 Datasheet HTML 3Page - STMicroelectronics L4940 Datasheet HTML 4Page - STMicroelectronics L4940 Datasheet HTML 5Page - STMicroelectronics L4940 Datasheet HTML 6Page - STMicroelectronics L4940 Datasheet HTML 7Page - STMicroelectronics L4940 Datasheet HTML 8Page - STMicroelectronics L4940 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L4940 series
VERY LOW DROP 1.5 A REGULATORS
November 1999
s
PRECISE 5 V, 8.5 V, 10 V, 12 V OUTPUTS
s
LOW DROPOUT VOLTAGE (500 mV typ
at 1.5A)
s
VERY LOW QUIESCENT CURRENT
s
THERMAL SHUTDOWN
s
SHORT CIRCUIT PROTECTION
s
REVERSE POLARITY PROTECTION
DESCRIPTION
The L4940 series of three terminal positive
regulators is available in TO-220 and D
2PAK
package and with several fixed output voltages,
making it useful in a wide range of industrial and
consumer applications. Thanks to its very low
input/output voltage drop, these devices are
particularly
suitable
for
battery
powered
equipments,
reducing
consumption
and
prolonging battery life.
Each
type employs
internal current limiting, antisaturation circuit,
thermal shut-down and safe area protection.
BLOCK DIAGRAM
D
2PAK
TO-263
TO-220
®
1/13


Similar Part No. - L4940

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T5-TR STMICROELECTRONICS-L4940D2T5-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940D2T85-TR STMICROELECTRONICS-L4940D2T85-TR Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
L4940P85 STMICROELECTRONICS-L4940P85 Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
More results

Similar Description - L4940

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
3 A, very low drop voltage regulators
11-Jul-2008
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
Very low drop 1.5 A regulator
20-Feb-2008
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
1.5 A very low drop for low output voltage regulator
29-Jun-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com