Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102DA-2AL3 Datasheet (PDF) - STMicroelectronics

P0102DA-2AL3 Datasheet PDF - STMicroelectronics
Part # P0102DA-2AL3
Download  P0102DA-2AL3 Download
File Size   125.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive standard SCRs up to 0.8 A

P0102DA-2AL3 Datasheet (PDF)

Go To PDF Page Download Datasheet
P0102DA-2AL3 Datasheet PDF - STMicroelectronics

Part # P0102DA-2AL3
Download  P0102DA-2AL3 Click to download

File Size   125.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive standard SCRs up to 0.8 A

P0102DA-2AL3 Datasheet (HTML) - STMicroelectronics


P0102DA-2AL3 Product details

Description
Thanks to highly sensitive triggering levels, the P010XX SCR series is suitable for all applications where available gate current is limited, such as ground fault circuit interrupters, pilot circuits in solid state relays, stand-by mode power supplies, smoke and alarm detectors.
   
Features
• On-state rms current, 0.8 A
• Repetitive peak off-state voltage up to 600 V
• Triggering gate current from 5 to 200 µA
• ECOPACK®2 compliant component
   




Similar Part No. - P0102DA-2AL3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
More results


Similar Description - P0102DA-2AL3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Littelfuse
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com