Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102DA-2AL3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # P0102DA-2AL3
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DA-2AL3 Datasheet(HTML) 4 Page - STMicroelectronics

  P0102DA-2AL3 Datasheet HTML 1Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 2Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 3Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 4Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 5Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 6Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 7Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 8Page - STMicroelectronics P0102DA-2AL3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
P010xx
4/11
Table 6.
Thermal resistance
Symbol
Parameter
Maximum
Unit
Rth(j-a)
Junction to case (DC)
TO-92
80
°C/W
Rth(j-t)
Junction to tab (DC)
SOT-223
30
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-92
150
°C/W
S(1) = 5 cm2
SOT-223
60
Rth(j-a)
Junction to ambient (mounted on FR4 with recommended pad layout) SOT23-3L
400
°C/W
1.
S = Copper surface under tab.
Figure 1.
Maximum average power
dissipation vs. average on-state
current P010xxA and P010xxN
Figure 2.
Maximum average power
dissipation vs. average on-state
current P010xxL
0.00.1
0.2
0.30.4
0.50.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
α = 180°
360°
α
I
(A)
T(AV)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
P(W)
I
(A)
T(AV)
α = 180°
360°
α
Figure 3.
Average and DC on-state current
vs. lead temperature
P010xxA and P010xxN
Figure 4.
Average and DC on-state current
vs. ambient temperature P010xxA
and P010xxN
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
I
(A)
T(AV)
T
(°C)
lead
α = 180° (SOT-223)
α = 180° (TO-92)
D.C. (SOT-223)
D.C. (TO-92)
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I
(A)
T(AV)
T
(°C)
amb
α = 180° (SOT-223)
α = 180° (TO-92)
D.C. (SOT-223)
D.C. (TO-92)
Device mounted on
FR4 with recomended
pad layout for SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com