Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF14-2628SCF Datasheet (PDF) - Hirose Electric

DF14-2628SCF Datasheet PDF - Hirose Electric
Part # DF14-2628SCF
Download  DF14-2628SCF Download
File Size   273.62 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1.25mm Pitch Super Low profile Crimping Connector

DF14-2628SCF Datasheet (PDF)

Go To PDF Page Download Datasheet
DF14-2628SCF Datasheet PDF - Hirose Electric

Part # DF14-2628SCF
Download  DF14-2628SCF Click to download

File Size   273.62 Kbytes
Page   8 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 1.25mm Pitch Super Low profile Crimping Connector

DF14-2628SCF Datasheet (HTML) - Hirose Electric


DF14-2628SCF Product details

Features
1. Super Low Profile
   This is a connector special for right angle which has pursued a low profile on the board.
   Board mounting height: 2.5mm
   A signal can be fetched from the area where there is no board to board space. (Refer to fig.1)
   Offset type is available.
   Board mounting height: 1.6mm (Refer to fig.2)
2. Correspond to Automatic Mounting
   The header has the vacuum mount face which enables the vacuum absorption and the automatic mounting by the embossed tape packaging.In addition, the tube packaging can be selected.
3. Four Wall Type Without Friction to Board by Socket
   The header has the box structure to prevent from being twisted and has the perfect mis-insertion prevention method. Moreover the header has the wall on the board side and doesnt have any trouble resulted from the friction to board by socket.
   In addition, the metal fitting is attached to prevent the solder peel.

Applications
   LCD, Note PC, Mobile Terminal Small business equipment, Video camera




Similar Part No. - DF14-2628SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-2628SCF HIROSE-DF14-2628SCF Datasheet
195Kb / 6P
1.25mm Pitch Super Low profile Crimping Connector
DF14-2628SCF HIROSE-DF14-2628SCF Datasheet
284Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF14-2628SCF HIROSE-DF14-2628SCF Datasheet
299Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF14-2628SCFA HIROSE-DF14-2628SCFA Datasheet
195Kb / 6P
1.25mm Pitch Super Low profile Crimping Connector
DF14-2628SCFA HIROSE-DF14-2628SCFA Datasheet
284Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
More results


Similar Description - DF14-2628SCF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12517HS-06 YEONHO-12517HS-06_07 Datasheet
242Kb / 1P
1.25mm PITCH CONNECTOR
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
1.25mm Pitch Miniature Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
1.25mm Pitch Super Low profile Crimping Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com