Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257M Datasheet (PDF) - Fairchild Semiconductor

FST3257M Datasheet PDF - Fairchild Semiconductor
Part # FST3257M
Download  FST3257M Download
File Size   96.5 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2:1 Multiplexer/Demultiplexer Bus Switch

FST3257M Datasheet (PDF)

Go To PDF Page Download Datasheet
FST3257M Datasheet PDF - Fairchild Semiconductor

Part # FST3257M
Download  FST3257M Click to download

File Size   96.5 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad 2:1 Multiplexer/Demultiplexer Bus Switch

FST3257M Datasheet (HTML) - Fairchild Semiconductor


FST3257M Product details

General Description

The Fairchild Switch FST3257 is a quad 2:1 high-speed CMOS TTL-compatible multiplexer/demultiplexer bus switch. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

When OE is LOW, the select pin connects the A Port to the selected B Port output. When OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.



Features

■ 4Ω switch connection between two ports.

■ Minimal propagation delay through the switch.

■ Low ICC.

■ Zero bounce in flow-through mode.

■ Control inputs compatible with TTL level.



 




Similar Part No. - FST3257M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST3257M ONSEMI-FST3257M Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
FST3257MTC ONSEMI-FST3257MTC Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
FST3257MTCX ONSEMI-FST3257MTCX Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
FST3257MX ONSEMI-FST3257MX Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
TECH PUBLIC Electronics...
FST3257MX-TP TECHPUBLIC-FST3257MX-TP Datasheet
3Mb / 6P
Low On Resistance, Quad SPDT Analog Switch
More results


Similar Description - FST3257M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257_06 Datasheet
200Kb / 6P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com