Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3257M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3257M
Description  Quad 2:1 Multiplexer/Demultiplexer Bus Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3257M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3257M Datasheet HTML 1Page - Fairchild Semiconductor FST3257M Datasheet HTML 2Page - Fairchild Semiconductor FST3257M Datasheet HTML 3Page - Fairchild Semiconductor FST3257M Datasheet HTML 4Page - Fairchild Semiconductor FST3257M Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500057
www.fairchildsemi.com
September 1997
Revised December 1999
FST3257
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
General Description
The Fairchild Switch FST3257 is a quad 2:1 high-speed
CMOS
TTL-compatible
multiplexer/demultiplexer
bus
switch. The low on resistance of the switch allows inputs to
be connected to outputs without adding propagation delay
or generating additional ground bounce noise.
When OE is LOW, the select pin connects the A Port to the
selected B Port output. When OE is HIGH, the switch is
OPEN and a high-impedance state exists between the two
ports.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3257M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
FST3257QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3257MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE
Bus Switch Enable
S
Select Input
ABus A
B1–B2
Bus B
SOE
Function
X
H
Disconnect
LL
A
= B
1
HL
A
= B
2


Similar Part No. - FST3257M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST3257M ONSEMI-FST3257M Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
FST3257MTC ONSEMI-FST3257MTC Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
FST3257MTCX ONSEMI-FST3257MTCX Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
FST3257MX ONSEMI-FST3257MX Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
TECH PUBLIC Electronics...
FST3257MX-TP TECHPUBLIC-FST3257MX-TP Datasheet
3Mb / 6P
Low On Resistance, Quad SPDT Analog Switch
More results

Similar Description - FST3257M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257_06 Datasheet
200Kb / 6P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com