Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3383QSC Datasheet (PDF) - Fairchild Semiconductor

FST3383QSC Datasheet PDF - Fairchild Semiconductor
Part # FST3383QSC
Download  FST3383QSC Download
File Size   50.99 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Low Power Bus-Exchange Switch

FST3383QSC Datasheet (PDF)

Go To PDF Page Download Datasheet
FST3383QSC Datasheet PDF - Fairchild Semiconductor

Part # FST3383QSC
Download  FST3383QSC Click to download

File Size   50.99 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Low Power Bus-Exchange Switch

FST3383QSC Datasheet (HTML) - Fairchild Semiconductor


FST3383QSC Product details

General Description
The FST3383 provides two sets of high-speed CMOS TTLcompatible bus switches. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.
   
Features
■ 5Ω switch connection between two ports
■ Zero propagation delay
■ Ultra low power with 0.2 µA typical ICC
■ Zero ground bounce in flow-through mode
■ Control inputs compatible with TTL level
   




Similar Part No. - FST3383QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3384 FAIRCHILD-FST3384 Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
FST3384MTC FAIRCHILD-FST3384MTC Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
FST3384QSC FAIRCHILD-FST3384QSC Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
FST3384WM FAIRCHILD-FST3384WM Datasheet
99Kb / 5P
10-Bit Low Power Bus Switch
More results


Similar Description - FST3383QSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383_99 Datasheet
44Kb / 5P
QUICKSWITCH짰 PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
10-Bit Bus-Exchange Switch
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com