Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3384QSC Datasheet (PDF) - Fairchild Semiconductor

FST3384QSC Datasheet PDF - Fairchild Semiconductor
Part # FST3384QSC
Download  FST3384QSC Download
File Size   99.67 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Low Power Bus Switch

FST3384QSC Datasheet (PDF)

Go To PDF Page Download Datasheet
FST3384QSC Datasheet PDF - Fairchild Semiconductor

Part # FST3384QSC
Download  FST3384QSC Click to download

File Size   99.67 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10-Bit Low Power Bus Switch

FST3384QSC Datasheet (HTML) - Fairchild Semiconductor


FST3384QSC Product details

General Description
The Fairchild Switch FST3384 provides 10 bits of high speed CMOS TTL-compatible bus switches. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ 4Ω switch connection between two ports
■ Minimal propagation delay through the switch
■ Ultra low power with < 0.1 µA typical ICC
■ Zero ground bounce in flow-through mode
■ Control inputs compatible with TTL level




Similar Part No. - FST3384QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3383MTC FAIRCHILD-FST3383MTC Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3383QSC FAIRCHILD-FST3383QSC Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
FST3383WM FAIRCHILD-FST3383WM Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
More results


Similar Description - FST3384QSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
10-Bit Low Power Bus-Exchange Switch
54LVX3384 NSC-54LVX3384 Datasheet
96Kb / 6P
10-Bit Low Power Bus Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
10-Bit Low Power Bus-Exchange Switch
logo
ON Semiconductor
74FST3384 ONSEMI-74FST3384 Datasheet
90Kb / 8P
10-Bit Low Power Bus Switch
May, 2002 ??Rev. 4
logo
National Semiconductor ...
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
10-Bit Low Power Bus Switch
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3861 IDT-IDT74CBTLV3861 Datasheet
66Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3384 RENESAS-74CBTLV3384 Datasheet
265Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH
MAY 2019
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com