Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARZ-R7 Datasheet (PDF) - Analog Devices

AD8002ARZ-R7 Datasheet PDF - Analog Devices
Part # AD8002ARZ-R7
Download  AD8002ARZ-R7 Download
File Size   373.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 600 MHz, 50 mW Current Feedback Amplifier

AD8002ARZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8002ARZ-R7 Datasheet PDF - Analog Devices

Part # AD8002ARZ-R7
Download  AD8002ARZ-R7 Click to download

File Size   373.45 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 600 MHz, 50 mW Current Feedback Amplifier

AD8002ARZ-R7 Datasheet (HTML) - Analog Devices


AD8002ARZ-R7 Product details

GENERAL DESCRIPTION
The AD8002 is a dual, low power, high speed amplifier designed to operate on ±5 V supplies. The AD8002 features unique transimpedance linearization circuitry, which allows the AD8002 to drive video loads with excellent differential gain and phase performance on only 50 mW of power per amplifier. The AD8002 is a current feedback amplifier and features gain flatness of 0.1 dB to 60 MHz while offering differential gain and phase error of 0.01% and 0.02°, which makes the AD8002 ideal for professional video electronics such as cameras and video switchers. Additionally, the low distortion and fast settling of the AD8002 make it ideal for buffer high speed analog-to digital converters (ADCs).

FEATURES
   Excellent video specifications (RL = 150 Ω, G = +2)
      Gain flatness: 0.1 dB to 60 MHz
      Differential gain error: 0.01%
      Differential phase error: 0.02°
   Low power
      Maximum power supply current (50 mW): 5.0 mA/amp
   High speed and fast settling
      −3 dB bandwidth (G = +1): 600 MHz
      −3 dB bandwidth (G = +2): 500 MHz
      Slew rate: 1200 V/µs
      Settling time to 0.1%: 16 ns
   Low distortion
      THD at fC = 5 MHz: −65 dBc
      Third-order intercept at f1 = 10 MHz: 33 dBm
      SFDR at f = 5 MHz: −66 dB
      Crosstalk at f = 5 MHz: −60 dB
   High output drive
      Over 70 mA output current
      Drives up to eight back terminated 75 Ω loads (four
         loads/side) while maintaining good differential
         gain/phase performance (0.01%/0.17°)
   Available in 8-lead SOIC and MSOP packages

APPLICATIONS
   Analog-to-digital drivers
   Video line drivers
   Differential line drivers
   Professional cameras
   Video switchers
   Special effects
   RF receivers




Similar Part No. - AD8002ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
551Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
Rev. E
More results


Similar Description - AD8002ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002 AD-AD8002 Datasheet
351Kb / 18P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com