Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002 Datasheet (PDF) - Analog Devices

AD8002 Datasheet PDF - Analog Devices
Part # AD8002
Download  AD8002 Download
File Size   351.13 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 600 MHz, 50 mW Current Feedback Amplifier

AD8002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8002 Datasheet PDF - Analog Devices

Part # AD8002
Download  AD8002 Click to download

File Size   351.13 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 600 MHz, 50 mW Current Feedback Amplifier

AD8002 Datasheet (HTML) - Analog Devices


AD8002 Product details

PRODUCT DESCRIPTION
The AD8002 is a dual, low-power, high-speed amplifier designed to operate on ±5 V supplies. The AD8002 features unique transimpedance linearization circuitry. This allows it to drive video loads with excellent differential gain and phase performance on only 50 mW of power per amplifier. The AD8002 is a current feedback amplifier and features gain flatness of 0.1 dB to 60 MHz while offering differential gain and phase error of 0.01% and 0.02°. This makes the AD8002 ideal for professional video electronics such as cameras and video switchers. Additionally, the AD8002’s low distortion and fast settling make it ideal for buffer high-speed A-to-D converters.

FEATURES
   Excellent Video Specifications (RL = 150 Ω, G = +2)
      Gain Flatness 0.1 dB to 60 MHz
      0.01% Differential Gain Error
      0.02 Differential Phase Error
   Low Power
      5.5 mA/Amp Max Power Supply Current (55 mW)
   High Speed and Fast Settling
      600 MHz, –3 dB Bandwidth (G = +1)
      500 MHz, –3 dB Bandwidth (G = +2)
      1200 V/μs Slew Rate
      16 ns Settling Time to 0.1%
   Low Distortion
      –65 dBc THD, fC = 5 MHz
      33 dBm Third Order Intercept, F1 = 10 MHz
      –66 dB SFDR, f = 5 MHz
      –60 dB Crosstalk, f = 5 MHz
   High Output Drive
      Over 70 mA Output Current
      Drives Up to Eight Back-Terminated 75 Ω Loads
         (Four Loads/Side) While Maintaining Good
         Differential Gain/Phase Performance (0.01%/0.17)
   Available in 8-Lead Plastic DIP, SOIC and μSOIC Packages

APPLICATIONS
   A-to-D Driver
   Video Line Driver
   Differential Line Driver
   Professional Cameras
   Video Switchers
   Special Effects
   RF Receivers




Similar Part No. - AD8002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8002 AD-AD8002 Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
551Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
Rev. E
AD8002AN AD-AD8002AN Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AN AD-AD8002AN Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Similar Description - AD8002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com