Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 4 Page - Analog Devices

  AD8002 Datasheet HTML 1Page - Analog Devices AD8002 Datasheet HTML 2Page - Analog Devices AD8002 Datasheet HTML 3Page - Analog Devices AD8002 Datasheet HTML 4Page - Analog Devices AD8002 Datasheet HTML 5Page - Analog Devices AD8002 Datasheet HTML 6Page - Analog Devices AD8002 Datasheet HTML 7Page - Analog Devices AD8002 Datasheet HTML 8Page - Analog Devices AD8002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
REV. C
AD8002
–4–
PULSE
GENERATOR
953
+5V
RL = 100
–5V
50
VIN
0.1 F
10 F
AD8002
0.1 F
10 F
TR/TF = 250ps
75
Figure 4. Test Circuit , Gain = +1
Figure 5. 100 mV Step Response, G = +1
Figure 6. 1 V Step Response, G = +1
PULSE
GENERATOR
750
+5V
RL = 100
–5V
50
VIN
0.1 F
10 F
AD8002
0.1 F
10 F
TR/TF = 250ps
75
750
Figure 7. Test Circuit, Gain = +2
Figure 8. 100 mV Step Response, G = +2
Figure 9. 1 V Step Response, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com