Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 1 Page - Analog Devices

  AD8002 Datasheet HTML 1Page - Analog Devices AD8002 Datasheet HTML 2Page - Analog Devices AD8002 Datasheet HTML 3Page - Analog Devices AD8002 Datasheet HTML 4Page - Analog Devices AD8002 Datasheet HTML 5Page - Analog Devices AD8002 Datasheet HTML 6Page - Analog Devices AD8002 Datasheet HTML 7Page - Analog Devices AD8002 Datasheet HTML 8Page - Analog Devices AD8002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8002
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Dual 600 MHz, 50 mW
Current Feedback Amplifier
FEATURES
Excellent Video Specifications (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 60 MHz
0.01% Differential Gain Error
0.02 Differential Phase Error
Low Power
5.5 mA/Amp Max Power Supply Current (55 mW)
High Speed and Fast Settling
600 MHz, –3 dB Bandwidth (G = +1)
500 MHz, –3 dB Bandwidth (G = +2)
1200 V/ s Slew Rate
16 ns Settling Time to 0.1%
Low Distortion
–65 dBc THD, f
C = 5 MHz
33 dBm 3rd Order Intercept, F1 = 10 MHz
–66 dB SFDR, f = 5 MHz
–60 dB Crosstalk, f = 5 MHz
High Output Drive
Over 70 mA Output Current
Drives Up to Eight Back-Terminated 75
Loads
(Four Loads/Side) While Maintaining Good
Differential Gain/Phase Performance (0.01%/0.17 )
Available in 8-Lead Plastic DIP, SOIC and
SOIC Packages
APPLICATIONS
A-to-D Driver
Video Line Driver
Differential Line Driver
Professional Cameras
Video Switchers
Special Effects
RF Receivers
FUNCTIONAL BLOCK DIAGRAM
8-Lead Plastic DIP, SOIC and
SOIC
OUT1
–IN1
+IN1
V–
V+
OUT2
–IN2
+IN2
1
2
3
4
8
7
6
5
AD8002
PRODUCT DESCRIPTION
The AD8002 is a dual, low power, high speed amplifier de-
signed to operate on
±5 V supplies. The AD8002 features
unique transimpedance linearization circuitry. This allows it to
drive video loads with excellent differential gain and phase per-
formance on only 50 mW of power per amplifier. The AD8002
is a current feedback amplifier and features gain flatness of 0.1 dB
to 60 MHz while offering differential gain and phase error of
0.01% and 0.02
°. This makes the AD8002 ideal for professional
video electronics such as cameras and video switchers. Addition-
ally, the AD8002’s low distortion and fast settling make it ideal
for buffer high speed A-to-D converters.
The AD8002 offers low power of 5.5 mA/amplifier max (VS =
±5 V) and can run on a single +12 V power supply, while ca-
pable of delivering over 70 mA of load current. It is offered in
an 8-lead plastic DIP, SOIC and
µSOIC package. These features
make this amplifier ideal for portable and battery powered appli-
cations where size and power is critical.
The outstanding bandwidth of 600 MHz along with 1200 V/
µs
of slew rate make the AD8002 useful in many general purpose
high speed applications where dual power supplies of up to
±6 V
and single supplies from 6 V to 12 V are needed. The AD8002 is
available in the industrial temperature range of –40
°C to +85°C.
1M
10M
1G
100M
0
–0.5
–0.1
–0.2
–0.3
–0.4
0.1
1
–4
–9
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
G = +2
RL = 100
VIN = 50mV
SIDE 1
SIDE 2
SIDE 1
SIDE 2
Figure 1. Frequency Response and Flatness, G = +2
Figure 2. 1 V Step Response, G = +1


Similar Part No. - AD8002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8002 AD-AD8002 Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
551Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
Rev. E
AD8002AN AD-AD8002AN Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AN AD-AD8002AN Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Similar Description - AD8002

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV.C
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com