Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8002 Datasheet HTML 2Page - Analog Devices AD8002 Datasheet HTML 3Page - Analog Devices AD8002 Datasheet HTML 4Page - Analog Devices AD8002 Datasheet HTML 5Page - Analog Devices AD8002 Datasheet HTML 6Page - Analog Devices AD8002 Datasheet HTML 7Page - Analog Devices AD8002 Datasheet HTML 8Page - Analog Devices AD8002 Datasheet HTML 9Page - Analog Devices AD8002 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
REV. C
AD8002
–6–
–2
–1
–4
–3
0
+1
+2
–5
–6
10M
1G
100M
1M
FREQUENCY – Hz
SIDE 1
SIDE 2
75
50
50
953
VIN = 50mV
G = +1
RF = 953
RL = 100
Figure 16. Frequency Response, G = +1
–40
–70
–100
–80
–90
–60
–50
100k
100M
10M
1M
10k
FREQUENCY – Hz
G = +1
RL = 100
VOUT = 2V p-p
2ND HARMONIC
3RD HARMONIC
Figure 17. Distortion vs. Frequency, G = +1, RL = 100 Ω
–40
–60
–110
–50
–80
–70
–100
–90
100k
100M
10M
1M
10k
FREQUENCY – Hz
G = +1
RL = 1k
3RD HARMONIC
2ND HARMONIC
Figure 18. Distortion vs. Frequency, G = +1, RL = 1 kΩ
0
–3
–27
10M
500M
100M
–18
–21
–24
–15
–12
–9
–6
FREQUENCY – Hz
+6
+3
0
–3
–6
–9
–12
–15
–18
–21
1M
G = +2
RF = 681
VS = 5V
RL = 100
Figure 19. Large Signal Frequency Response, G = +2
FREQUENCY – Hz
+6
+3
–27
–12
–15
–18
–9
–6
–3
0
+9
10M
500M
100M
1M
RL = 100
G = +1
RF = 1.21k
75
50
50
1.21k
Figure 20. Large Signal Frequency Response, G = +1
+25
+10
–5
1M
10M
100M
0
+5
+15
+20
FREQUENCY – Hz
1G
+45
+30
+35
+40
G = +100
RF = 1000
G = +10
RF = 499
VS = 5V
RL = 100
Figure 21. Frequency Response, G = +10, G = +100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com