Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8002 Datasheet HTML 10Page - Analog Devices AD8002 Datasheet HTML 11Page - Analog Devices AD8002 Datasheet HTML 12Page - Analog Devices AD8002 Datasheet HTML 13Page - Analog Devices AD8002 Datasheet HTML 14Page - Analog Devices AD8002 Datasheet HTML 15Page - Analog Devices AD8002 Datasheet HTML 16Page - Analog Devices AD8002 Datasheet HTML 17Page - Analog Devices AD8002 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
REV. C
AD8002
–14–
Table I. Recommended Component Values
AD8002AN (DIP)
AD8002AR (SOIC)
Gain
Gain
Component
–10
–2
–1
+1
+2
+10
+100
–10
–2
–1
+1
+2
+10
+100
RF (
Ω)
499
549
576
1210
750
499
1000
499
499
549
953
681
499
1000
RG (
Ω)
49.9
274
576
–
750
54.9
10
49.9
249
549
–
681
54.9
10
RBT (Nominal) (
Ω)
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
RC (
Ω)*
75
75
0
0
75
75
0
0
RS(
Ω)
49.9
49.9
49.9
49.9
49.9
49.9
RT (Nominal) (
Ω)
–
61.9
54.9
49.9
49.9
49.9
49.9
–
61.9
54.9
49.9
49.9
49.9
49.9
Small Signal BW (MHz)
270
380
410
600
500
170
17
250
410
410
600
500
170
17
0.1 dB Flatness (MHz)
45
80
130
35
60
24
3
50
100
100
35
90
24
3
AD8002ARM ( SOIC)
Gain
Component
–10
–2
–1
+1
+2
+10
+100
RF (Ω)
499
499
590
1000
681
499
1000
RG (Ω)
49.9
249
590
–
681
54.9
10
RBT (Nominal) (Ω)
49.9
49.9
49.9
49.9
49.9
49.9
49.9
RC (Ω)*
75
75
0
0
RS(Ω)
49.9
49.9
49.9
RT (Nominal) (Ω)
–
61.9
49.9
49.9
49.9
49.9
49.9
Small Signal BW (MHz)
270
400
410
600
450
170
19
0.1 dB Flatness (MHz)
60
100
100
35
70
35
3
*RC is recommended to reduce peaking and minimizes input reflections at frequencies above 300 MHz. However, R C is not required.
Layout Considerations
The specified high speed performance of the AD8002 requires
careful attention to board layout and component selection.
Proper RF design techniques and low parasitic component selec-
tion are mandatory.
The PCB should have a ground plane covering all unused por-
tions of the component side of the board to provide a low im-
pedance ground path. The ground plane should be removed
from the area near the input pins to reduce stray capacitance.
Chip capacitors should be used for supply bypassing (see Figure
49). One end should be connected to the ground plane and the
other within 1/8 in. of each power pin. An additional large
(4.7
µF–10 µF) tantalum electrolytic capacitor should be con-
nected in parallel, but not necessarily so close, to supply current
for fast, large-signal changes at the output.
The feedback resistor should be located close to the inverting
input pin in order to keep the stray capacitance at this node to a
minimum. Capacitance variations of less than 1 pF at the invert-
ing input will significantly affect high speed performance.
Stripline design techniques should be used for long signal traces
(greater than about 1 in.). These should be designed with a
characteristic impedance of 50
Ω or 75 Ω and be properly termi-
nated at each end.
Inverting Configuration
Supply Bypassing
Noninverting Configuration
RF
RBT
IN
+VS
–VS
RS
RT
RG
OUT
C1
0.1 F
C3
10 F
C2
0.1 F
C4
10 F
+VS
–VS
RF
RBT
IN
+VS
–VS
RT
RG
OUT
*RC
*SEE TABLE I
Figure 49. Inverting and Noninverting Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com