Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9A0812S401 Datasheet (PDF) - Sanyo Semicon Device

9A0812S401 Datasheet PDF - Sanyo Semicon Device
Part # 9A0812S401
Download  9A0812S401 Download
File Size   154.89 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 25mm thick (San Cooler)

9A0812S401 Datasheet (PDF)

Go To PDF Page Download Datasheet
9A0812S401 Datasheet PDF - Sanyo Semicon Device

Part # 9A0812S401
Download  9A0812S401 Click to download

File Size   154.89 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 25mm thick (San Cooler)

9A0812S401 Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - 9A0812S401

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9A0812S401 SANYODENKI-9A0812S401 Datasheet
246Kb / 3P
San Cooler 80 9A type
9A0812S401 SANYODENKI-9A0812S401 Datasheet
235Kb / 2P
San Ace 80
More results


Similar Description - 9A0812S401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
Thermoelectric Cooler
TEC1-12708 ETC2-TEC1-12708 Datasheet
103Kb / 3P
Thermoelectric Cooler
logo
HB Electronic Component...
TEC1-12706 HB-TEC1-12706 Datasheet
124Kb / 3P
Thermoelectric Cooler
TEC1-12708 HB-TEC1-12708 Datasheet
108Kb / 3P
Thermoelectric Cooler
TEC1-12730 HB-TEC1-12730 Datasheet
113Kb / 3P
Thermoelectric Cooler
logo
List of Unclassifed Man...
9A0612F401 ETC2-9A0612F401 Datasheet
147Kb / 2P
15mm thick, 20mm thick, 25mm thick 25mm thick (San Cooler), 38mm thick (GV type) 38mm thick (G type)
logo
SANYO DENKI CO., LTD.
9A0612G401 SANYODENKI-9A0612G401 Datasheet
189Kb / 3P
San Cooler 60 9A type
9A0812G401 SANYODENKI-9A0812G401 Datasheet
246Kb / 3P
San Cooler 80 9A type
9A0912G401 SANYODENKI-9A0912G401 Datasheet
227Kb / 3P
San Cooler 92 9A type
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
DIP(25mm*25mm)
Mar.27, 2016
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com