Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO2525H Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BO2525H Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BO2525H
Download  BO2525H Download
File Size   221.83 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description DIP(25mm*25mm)

BO2525H Datasheet (PDF)

Go To PDF Page Download Datasheet
BO2525H Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BO2525H
Download  BO2525H Click to download

File Size   221.83 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description DIP(25mm*25mm)

BO2525H Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BO2525H Product details

Features
Ultra Stable
Wide Temperature Range
DIP(25mm*25mm)

Applications
Base Stations
Instrumentations
Synthesizer
Medical Electronics




Similar Part No. - BO2525H

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BO2525H XTAITQ-BO2525H Datasheet
449Kb / 2P
Oven Controlled Crystal Oscillator
BO2525HS1C107ED100 XTAITQ-BO2525HS1C107ED100 Datasheet
449Kb / 2P
Oven Controlled Crystal Oscillator
BO2525HS1C107EE100 XTAITQ-BO2525HS1C107EE100 Datasheet
449Kb / 2P
Oven Controlled Crystal Oscillator
BO2525HS1C107EN100 XTAITQ-BO2525HS1C107EN100 Datasheet
449Kb / 2P
Oven Controlled Crystal Oscillator
BO2525HS1C107GD100 XTAITQ-BO2525HS1C107GD100 Datasheet
449Kb / 2P
Oven Controlled Crystal Oscillator
More results


Similar Description - BO2525H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
09HSI-S043-R0-CHT HIROSE-09HSI-S043-R0-CHT Datasheet
2Mb / 71P
IT3 Mezzanine Connector (25mm)
logo
Sanyo Semicon Device
9A0812S401 SANYO-9A0812S401 Datasheet
154Kb / 2P
25mm thick (San Cooler)
logo
BetLux Electronics
TLS-CTR-RGB BETLUX-TLS-CTR-RGB Datasheet
55Kb / 2P
105*65*25mm dimension
REV NO: V. 2
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
105*65*25mm dimension
REV NO: V.2
logo
Taoglas antenna solutio...
SP.1615.25.4.A.02 TAOGLAS-SP.1615.25.4.A.02 Datasheet
873Kb / 16P
Globalstar 25mm 1615Mhz
logo
Cooper Bussmann, Inc.
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
5mm 횇 25mm Ferrule Fuses
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A_17 Datasheet
762Kb / 9P
25mm One Stage GPS
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
25mm Two Stage GPS
AP.25E.07.0054A TAOGLAS-AP.25E.07.0054A_17 Datasheet
839Kb / 10P
25mm One Stage GPS
logo
Molex Electronics Ltd.
2152723503 MOLEX-2152723503 Datasheet
322Kb / 1P
NTC EPOXY - 3892 25MM 5K1%
2021/03/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com