Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS-CTR-RGB Datasheet (PDF) - BetLux Electronics

TLS-CTR-RGB Datasheet PDF - BetLux Electronics
Part # TLS-CTR-RGB
Download  TLS-CTR-RGB Download
File Size   55.34 Kbytes
Page   2 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 105*65*25mm dimension

TLS-CTR-RGB Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS-CTR-RGB Datasheet PDF - BetLux Electronics

Part # TLS-CTR-RGB
Download  TLS-CTR-RGB Click to download

File Size   55.34 Kbytes
Page   2 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 105*65*25mm dimension

TLS-CTR-RGB Datasheet (HTML) - BetLux Electronics




Similar Part No. - TLS-CTR-RGB

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
105*65*25mm dimension
REV NO: V.2
More results


Similar Description - TLS-CTR-RGB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D065 NXP-ADC1213D065 Datasheet
214Kb / 38P
Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
logo
BetLux Electronics
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
105*65*25mm dimension
REV NO: V.2
logo
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
DIP(25mm*25mm)
Mar.27, 2016
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com