Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16244 Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

74ACT16244 Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # 74ACT16244
Download  74ACT16244 Download
File Size   536.84 Kbytes
Page   14 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description Inputs Are TTL-Voltage Compatible, 500-mA Typical Latch-Up Immunity at 125째C

74ACT16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT16244 Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # 74ACT16244
Download  74ACT16244 Click to download

File Size   536.84 Kbytes
Page   14 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description Inputs Are TTL-Voltage Compatible, 500-mA Typical Latch-Up Immunity at 125째C

74ACT16244 Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


74ACT16244 Product details

description
The SN54ACT16244 and 74ACT16244 are 16-bit buffers/line drivers designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. They can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. The devices provide true outputs and symmetrical OE (active-low) output-enable inputs.
The 74ACT16244 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and functionality of standard small-outline packages in the same printed-circuit-board area.
The SN54ACT16244 is characterized for operation over the full military temperature range of –55°C to 125°C.
The 74ACT16244 is characterized for operation from –40°C to 85°C.

● Members of the Texas Instruments Widebus™ Family
● Inputs Are TTL-Voltage Compatible
● 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers
● Flow-Through Architecture Optimizes PCB Layout
● Distributed VCC and GND Pin
   Configurations Minimize High-Speed
   Switching Noise
● EPIC™ (Enhanced-Performance Implanted CMOS) 1-μm Process
● 500-mA Typical Latch-Up Immunity at 125°C
● Package Options Include Plastic Shrink
   Small-Outline (DL) and Thin Shrink
   Small-Outline (DGG) Packages, and 380-mil
   Fine-Pitch Ceramic Flat (WD) Packages
   Using 25-mil Center-to-Center Pin Spacings




Similar Part No. - 74ACT16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
logo
Texas Instruments
74ACT16244 TI-74ACT16244 Datasheet
110Kb / 7P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
87Kb / 7P
16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Similar Description - 74ACT16244

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Cree, Inc
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
Low Forward Voltage 3.3V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
Low Forward Voltage - 3.2 Typical at 20 mA
logo
Micross Components
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
All inputs and outputs are TTL-compatible
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
All inputs and outputs are TTL compatible
logo
STMicroelectronics
74AC16373 STMICROELECTRONICS-74AC16373 Datasheet
279Kb / 10P
IMPROVED LATCH-UP IMMUNITY
Feb-2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com