Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C4008 Datasheet (PDF) - Micross Components

AS5C4008 Datasheet PDF - Micross Components
Part # AS5C4008
Download  AS5C4008 Download
File Size   141.53 Kbytes
Page   17 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description All inputs and outputs are TTL-compatible

AS5C4008 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5C4008 Datasheet PDF - Micross Components

Part # AS5C4008
Download  AS5C4008 Click to download

File Size   141.53 Kbytes
Page   17 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description All inputs and outputs are TTL-compatible

AS5C4008 Datasheet (HTML) - Micross Components


AS5C4008 Product details

GENERAL DESCRIPTION
The AS5C4008 is a 4 megabit monolithic CMOS SRAM, organized as a 512K x 8.
The evolutionary 32 pin device allows for easy upgrades from the 1 meg SRAM.

FEATURES
• High Speed: 12, 15, 17, 20, 25, 35 and 45ns
• High-performance, low power military grade device
• Single +5V ±10% power supply
• Easy memory expansion with CE and OE options
• All inputs and outputs are TTL-compatible
• Ease of upgradability from 1 Meg using the 32 pin evolutionary version




Similar Part No. - AS5C4008

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-12/H AUSTIN-AS5C4008CW-12/H Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-12/LH AUSTIN-AS5C4008CW-12/LH Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008CW-12L AUSTIN-AS5C4008CW-12L Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
More results


Similar Description - AS5C4008

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
TTL compatible inputs and outputs
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
TTL compatible inputs and outputs
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
All inputs and outputs are TTL compatible
SMJ27C512 MICROSS-SMJ27C512 Datasheet
323Kb / 11P
All inputs/outputs fully TTL compatible
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
All inputs and outputs TTL compatible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com