Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMJ27C512 Datasheet (PDF) - Micross Components

SMJ27C512 Datasheet PDF - Micross Components
Part # SMJ27C512
Download  SMJ27C512 Download
File Size   323.7 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description All inputs/outputs fully TTL compatible

SMJ27C512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMJ27C512 Datasheet PDF - Micross Components

Part # SMJ27C512
Download  SMJ27C512 Click to download

File Size   323.7 Kbytes
Page   11 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description All inputs/outputs fully TTL compatible

SMJ27C512 Datasheet (HTML) - Micross Components


SMJ27C512 Product details

GENERAL DESCRIPTION
The SMJ27C512 is a set of 65536 by 8-bit (524,288-bit), ultraviolet (UV) light erasable, electrically programmable read-only memories. These devices are fabricated using power saving CMOS technology for high speed and simple interface with MOS and bipolar circuits. All inputs (including program data inputs can be driven by Series 54 TTL circuits without the use of external pullup resistors. Each output can drive one Series 54 TTL circuit without external resistors. The data outputs are 3-state for connecting multiple devices to a common bus. The SMJ27C512 is pin-compatible with existing 28-pin 512K ROMs and EPROMs.
Because this EPROM operates from a single 5V supply (in the read mode), it is ideal for use in microprocessor-based systems. One other supply (13V) is needed for programming. All programming signals are TTL level. This device is programmable by the SNAP! Pulse programming algorithm. The SNAP! Pulse programming algorithm uses a VPP of 13V and a VCC of 6.5V for a nominal programming time of seven seconds. For programming outside the system, existing EPROM programmers can be used. Locations may be programmed singly, in blocks, or at random.

FEATURES
• Organized 65,536 x 8
• High-reliability MIL-PRF-38535 processing
• Single +5V ±10% power supply
• Pin-compatible with existing 512K read-only memories (ROMs) and electrically programmable ROMs (EPROMs)
• All inputs/outputs fully TTL compatible
• Power-saving CMOS technology
• Very high-speed SNAP! Pulse Programming
• 3-state output buffers
• 400mV minimum DC noise immunity with standard TTL loads
• Latchup immunity of 250mA on all input and output lines
• Low power dissipation (CMOS input levels)
   Active - 193mW (MAX)
   Standby - 1.7mW (MAX)




Similar Part No. - SMJ27C512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ27C512 TI-SMJ27C512 Datasheet
184Kb / 13P
TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C512-15JM AUSTIN-SMJ27C512-15JM Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C512-20JM AUSTIN-SMJ27C512-20JM Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C512-25JM AUSTIN-SMJ27C512-25JM Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
More results


Similar Description - SMJ27C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
TTL-Compatible Inputs and Outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
TTL compatible inputs and outputs
logo
Micross Components
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
All inputs and outputs are TTL-compatible
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
TTL Compatible Inputs and Outputs
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
All inputs and outputs are TTL compatible
logo
fujitsu semiconductor
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
TTL compatible inputs and outputs
logo
Alliance Semiconductor ...
AS6C4008-70SAN ALSC-AS6C4008-70SAN Datasheet
643Kb / 10P
All outputs TTL compatible
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
All inputs and outputs TTL compatible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com