Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3310 Datasheet (PDF) - Touchstone Semiconductor Inc

TS3310 Datasheet PDF - Touchstone Semiconductor Inc
Part # TS3310
Download  TS3310 Download
File Size   1482.05 Kbytes
Page   18 Pages
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc
Description A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter

TS3310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3310 Datasheet PDF - Touchstone Semiconductor Inc

Part # TS3310
Download  TS3310 Click to download

File Size   1482.05 Kbytes
Page   18 Pages
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc
Description A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter

TS3310 Datasheet (HTML) - Touchstone Semiconductor Inc


TS3310 Product details

DESCRIPTION
The TS3310 is a low power boost switching regulator with an industry leading low quiescent current of 150nA. The 150nA is the actual current consumed from the battery while the output is in regulation. The TS3310’s extremely low power internal circuitry consumes 90nA on average, with periodic switching cycles which service the load occurring at intervals of up to 25 seconds, together yielding the average 150nA. The TS3310 steps up input voltages from 0.9V to 3.6V to eight selectable output voltages ranging from 1.8V to 5V. The TS3310 includes two output options, one being an always-on storage output while the additional output is an output load switch that is designed to supply burst-on loads in a low duty cycle manner. The TS3310 operates in Discontinuous Conduction Mode with an on-time proportional to 1/VIN, thereby limiting the maximum input current by the selection of the inductor value, ensuring the input current does not drag down the input source.
The extremely low quiescent current combined with the output load switch make the TS3310 an ideal choice for applications where the load can be periodically powered from the output, while being disconnected from the output storage capacitor when the load is powered off to isolate the load’s leakage current.
The TS3310 is fully specified over the -40°C to +85°C temperature range and is available in a low-profile, thermally-enhanced 10-pin 2x2mm TDFN package with an exposed back-side paddle.

FEATURES
♦ Ultra-Efficient Boost Converter:
   Active Mode, No-load Supply Current: 150nA
   Efficiency: Up to 92%
   Input Voltage Range: 0.9V-3.6V
   Delivers up to 35mA at 3VSTORE from 1.2VIN
   Single-inductor, Discontinuous Conduction Mode Operation
   No External Schottky Diode Required
♦ Pin-Selectable Output Voltages:
   1.8V, 2.1V, 2.5V, 2.85V, 3V, 3.3V, 4.1V, and 5V
♦ User-enabled Secondary Output Load Switch
♦ 10-Pin, Low-Profile, 2mm x 2mm TDFN Package

APPLICATIONS
  Coin Cell-Powered Portable Equipment
  Single Cell Li-ion or Alkaline Powered Equipment
  Solar or Mechanical Energy Harvesting
  Wireless Microphones
  Wireless Remote Sensors
  RFID Tags
  Blood Glucose Meters
  Personal Health-Monitoring Devices
  ZigBee Radio Enabled Devices
  Low-Energy Bluetooth Radio Enabled Devices




Similar Part No. - TS3310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3310 SILABS-TS3310 Datasheet
8Mb / 20P
User-enabled Secondary Output Load Switch
TS3310ITD1022 SILABS-TS3310ITD1022 Datasheet
8Mb / 20P
User-enabled Secondary Output Load Switch
TS3310ITD1022T SILABS-TS3310ITD1022T Datasheet
8Mb / 20P
User-enabled Secondary Output Load Switch
More results


Similar Description - TS3310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
logo
ACE Technology Co., LTD...
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
logo
Texas Instruments
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS63901 TI-TPS63901 Datasheet
2Mb / 35P
TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
DECEMBER 2021
TPS63901 TI-TPS63901_V01 Datasheet
3Mb / 33P
TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-Boost Converter with Input Current Limit and DVS in a WCSP Package
REVISED JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com