Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3310 Datasheet (PDF) - Silicon Laboratories

TS3310 Datasheet PDF - Silicon Laboratories
Part # TS3310
Download  TS3310 Download
File Size   8911.11 Kbytes
Page   20 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description User-enabled Secondary Output Load Switch

TS3310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3310 Datasheet PDF - Silicon Laboratories

Part # TS3310
Download  TS3310 Click to download

File Size   8911.11 Kbytes
Page   20 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description User-enabled Secondary Output Load Switch

TS3310 Datasheet (HTML) - Silicon Laboratories


TS3310 Product details

DESCRIPTION
The TS3310 is a low power boost switching regulator with an industry leading low quiescent current of 150nA. The 150nA is the actual current consumed from the battery while the output is in regulation. The TS3310’s extremely low power internal circuitry consumes 90nA on average, with periodic switching cycles which service the load occurring at intervals of up to 25 seconds, together yielding the average 150nA. The TS3310 steps up input voltages from 0.9V to 5V to eight selectable output voltages ranging from 1.8V to 5V. The TS3310 includes two output options, one being an always-on storage output while the additional output is an output load switch that is designed to supply burst-on loads in a low duty cycle manner. The TS3310 operates in Discontinuous Conduction Mode with an on-time proportional to 1/VIN, thereby limiting the maximum input current by the selection of the inductor value, ensuring the input current does not drag down the input source.
The extremely low quiescent current combined with the output load switch make the TS3310 an ideal choice for applications where the load can be periodically powered from the output, while being disconnected from the output storage capacitor when the load is powered off to isolate the load’s leakage current.
The TS3310 is fully specified over the -40°C to +85°C temperature range and is available in a low-profile, thermally-enhanced 10-pin 2x2mm TDFN package with an exposed back-side paddle.

FEATURES
♦ Ultra-Efficient Boost Converter:
   Active Mode, No-load Supply Current: 150nA
   Efficiency: Up to 92%
   Input Voltage Range: 0.9V-5V
   Delivers up to 35mA at 3VSTORE from 1.2VIN
   Single-inductor, Discontinuous Conduction Mode Operation
   No External Schottky Diode Required
♦ Pin-Selectable Output Voltages:
   1.8V, 2.1V, 2.5V, 2.85V, 3V, 3.3V, 4.1V, and 5V
♦ User-enabled Secondary Output Load Switch
♦ 10-Pin, Low-Profile, 2mm x 2mm TDFN Package

APPLICATIONS
  Coin Cell-Powered Portable Equipment
  Single Cell Li-ion or Alkaline Powered Equipment
  Solar or Mechanical Energy Harvesting
  Wireless Microphones
  Wireless Remote Sensors
  RFID Tags
  Blood Glucose Meters
  Personal Health-Monitoring Devices
  ZigBee Radio Enabled Devices
  Low-Energy Bluetooth Radio Enabled Devices




Similar Part No. - TS3310

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3310 TOUCHSTONE-TS3310 Datasheet
1Mb / 18P
A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022T TOUCHSTONE-TS3310ITD1022T Datasheet
1Mb / 18P
A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022TP TOUCHSTONE-TS3310ITD1022TP Datasheet
1Mb / 18P
A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
More results


Similar Description - TS3310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
4670.2006.09.1.4
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
Dual-Input, Dual-Output Load Switch
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
KYL-813 wireless switch input and output module user manual
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
Dual Output Secondary Fixed Output LDO Regulators
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
Load Switch
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
High-Efficiency Boost Output Load Switch
logo
Torex Semiconductor
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
1A Output Current Push Button Smart Load Switch
logo
Schneider Electric
HOM2175SB SCHNEIDER-HOM2175SB Datasheet
71Kb / 2P
LOAD CENTER HOM SECONDARY SURGE ARRESTOR
Aug 10, 2019
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com