Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES2605 Datasheet (PDF) - Microsemi Corporation

UES2605 Datasheet PDF - Microsemi Corporation
Part # UES2605
Download  UES2605 Download
File Size   344.09 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH EFFICIENCY RECTIFIERS 30A Center-Tap

UES2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
UES2605 Datasheet PDF - Microsemi Corporation

Part # UES2605
Download  UES2605 Click to download

File Size   344.09 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description HIGH EFFICIENCY RECTIFIERS 30A Center-Tap

UES2605 Datasheet (HTML) - Microsemi Corporation


UES2605 Product details

DESCRIPTION

The UES2604 through UES2606 series is specifically designed for operation in power switching circuits operating at frequencies of at least 20 kHz. This series combines two high efficiency devices into one package, simplifying installation, reducing heat sink requirements and the need to purchase matched components. Microsemi also offers numerous other products to meet higher and lower power voltage regulation applications.



FEATURES

•  Very low forward voltage (see Figure 3).

•  Very fast recovery times (50 nsec).

•  High surge capability.

•  Low thermal resistance.

•  High-reliability screening option.

•  Both polarities available.

•  RoHS compliant devices available.



APPLICATIONS / BENEFITS

•  Catch diodes for switching regulators.

•  Output rectifiers for high frequency square-wave inverters.

•  Low-profile package.

•  Mechanically rugged.




Similar Part No. - UES2605

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES2605 MICROSEMI-UES2605 Datasheet
136Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES2605 NJSEMI-UES2605 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
logo
Microsemi Corporation
UES2605HR2 MICROSEMI-UES2605HR2 Datasheet
136Kb / 3P
RECTIFIERS
More results


Similar Description - UES2605

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
D30VC20 DIOTEC-D30VC20 Datasheet
174Kb / 2P
Silicon-Twin Rectifiers Center tap
logo
List of Unclassifed Man...
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5250SM ETC1-OM5250SM Datasheet
37Kb / 2P
ISOLATED SURFACE MOUNT HIGH EFFICIENCY CENTER-TAP RECTIFIER
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
logo
Diotec Semiconductor
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
Silicon-Twin Rectifiers ??Center Tap
logo
Frontier Electronics.
BCT8-005 FRONTIER-BCT8-005 Datasheet
125Kb / 2P
8A CENTER TAP RECTIFIERS
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
8A CENTER TAP RECTIFIERS
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
RECTIFIERS High Efficiency, 30A Center-Tap
UES2604 NJSEMI-UES2604 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com