Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES2605 Datasheet (PDF) - Microsemi Corporation

UES2605 Datasheet PDF - Microsemi Corporation
Part # UES2605
Download  UES2605 Download
File Size   136.69 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS

UES2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
UES2605 Datasheet PDF - Microsemi Corporation

Part # UES2605
Download  UES2605 Click to download

File Size   136.69 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS

UES2605 Datasheet (HTML) - Microsemi Corporation


UES2605 Product details

DESCRIPTION

The UES2604 through UES2606 series is specifically designed for operation in power switching circuits operating at frequencies of at least 20 kHz. This series combines two high efficiency devices into one package, simplifying installation, reducing heat sink requirements and the need to purchase matched components. Microsemi also offers numerous other products to meet higher and lower power voltage regulation applications.



FEATURES

•  Very low forward voltage (see Figure 3).

•  Very fast recovery times (50 nsec).

•  High surge capability.

•  Low thermal resistance.

•  High-reliability screening option.

•  Both polarities available.

•  RoHS compliant devices available.



APPLICATIONS / BENEFITS

•  Catch diodes for switching regulators.

•  Output rectifiers for high frequency square-wave inverters.

•  Low-profile package.

•  Mechanically rugged.




Similar Part No. - UES2605

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES2605 MICROSEMI-UES2605 Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
New Jersey Semi-Conduct...
UES2605 NJSEMI-UES2605 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
logo
Microsemi Corporation
UES2605E3 MICROSEMI-UES2605E3 Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
UES2605HR2 MICROSEMI-UES2605HR2 Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
UES2605HR2E3 MICROSEMI-UES2605HR2E3 Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
More results


Similar Description - UES2605

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
Rectifiers
1996 Jun 10
logo
Microsemi Corporation
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
RECTIFIERS
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
RECTIFIERS
UES4505S MICROSEMI-UES4505S Datasheet
86Kb / 2P
RECTIFIERS
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
Rectifiers
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com